Part Number Hot Search : 
AD7878LN 35ACP PTCR0805 00201 5KE68A ACE1501 DL2SLG PC3H7
Product Description
Full Text Search
 

To Download BAT15-05W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bat 15-05w oct-07-1999 1 silicon schottky diode ? dbs mixer applications up to 12 ghz ? low noise figure ? low barrier type 1 3 vso05561 2 bat 15-05w eha07179 3 12 a1 a2 c1/c2 esd : e lectro s tatic d ischarge sensitive device, observe handling precaution! type marking pin configuration package bat 15-05w s5s 1=a1 2=a2 3=c1/c1 sot-323 maximum ratings parameter symbol value unit diode reverse voltage v r 4 v forward current i f 110 ma total power dissipation , t s = 55 c p tot 100 mw junction temperature t j 150 c operating temperature range c -55 ... 150 t op storage temperature t st g -55 ... 150 c thermal resistance junction - ambient 1) r thja 1090 k/w junction - soldering point r thjs 930 1) package mounted on alumina 15mm x 17.6mm x 0.7mm)
bat 15-05w oct-07-1999 2 electrical characteristics at t a = 25 c, unless otherwise specified. parameter symbol unit values max. typ. min. dc characteristics breakdown voltage i (br) = 5 a v - v (br) 4 - 0.23 - - - v f forward voltage i f = 1 ma i f = 10 ma 0.32 0.4 mv ? v f - - forward voltage matching 1) i f = 10 ma 20 ac characteristics diode capacitance v r = 0 v, f = 1 mhz c t - - 0.35 pf forward resistance if = 10ma / 50ma r f - 5.5 - ? 1) ? v f is difference between lowest and highest v f in component
bat 15-05w oct-07-1999 3 forward current i f = f ( v f ) t a = parameter 0.0 10 ehd07079 f f v 10 10 10 10 a -40 ?c t a = 0.5 1.0 v m -2 -1 0 1 2 25 85 125 ?c ?c ?c reverse current i r = f ( v r ) t a = parameter 0 10 ehd07081 r r v 10 10 10 10 a 125 c t a = 85 25 1234 v -1 0 1 2 3 c c diode capacitance c t = f ( v r ) f = 1mhz 0 0.0 ehd07082 c t r v 2v4 0.2 0.4 pf 0.5 0.1 0.3


▲Up To Search▲   

 
Price & Availability of BAT15-05W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X